Part Number Hot Search : 
F55309R 01456 RHMB572 08763 TA8499F ST3232EB 78M05 XCV100
Product Description
Full Text Search
 

To Download 503159-1310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/07/2010 please check www.molex.com for latest part information part number: 5031591310 status: active description: 1.50mm (.059") pitch clik-mate? wire-to-board pcb receptacle, single row, through hole, vertical, without peg, 13 circuits documents: 3d model product specification ps-503159-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb receptacles series 503159 application wire-to-board product name clik-mate? physical circuits (loaded) 13 color - resin beige durability (mating cycles max) 30 glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part yes material - metal copper alloy material - plating mating tin material - plating termination tin number of rows 1 orientation vertical pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.059 in pitch - mating interface (mm) 1.50 mm polarized to mating part yes polarized to pcb yes stackable no temperature range - operating -25c to +85c termination interface: style through hole electrical current - maximum per contact 2a voltage - maximum 100v material info reference - drawing numbers product specification ps-503159-001, rps-503159-001, rps-503159-003 sales drawing sd-503159-002 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 503159 series mates with 502578 crimp housing . 502579 crimp terminal this document was generated on 04/07/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 503159-1310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X